Part Number Hot Search : 
15KP90A BYV29 1530A AN0116 BFG93A08 APL1018 HFBR1527 BUL3N7
Product Description
Full Text Search
 

To Download MKP3362X2NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
APPLICATIONS
X2 class For X2 electromagnetic interference suppression in across the line applications (50/60Hz) with a maximum mains voltage of 275Vac. These capacitors are not intended for continuous pulse applications. For these situations, capacitors of the AC and Pulse program must be used.
h
168x12(halfpage)
l
w
REFERENCE STANDARDS
"IEC 60384-14 2nd edition and EN 132400" "IEC 60065, pass. flamm. class B" 250 V: CSA-C22.2 No 1; UL1414 275 V: CSA-C22.2 No 8; ENEC; CQC 305 V: UL1283
lt
P0.4
Dimensions in mm
Odt
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer's type designation; code for dielectric material, only for pitch 15mm; manufacturer location; year and week
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 2.2 F Preferred values acc. to E6
CAPACITANCE TOLERANCE DIELECTRIC
Polypropylene film 20%; 10%; 5%
LEADS ELECTRODES
Metallized film Tinned wire
e3
RATED TEMPERATURE CONSTRUCTION
Mono construction 105 C
MAXIMUM APPLICATION TEMPERATURE RATED VOLTAGE
AC 275 V; 50 to 60 Hz 105 C
PERMISSIBLE DC VOLTAGE
DC 630 V
FEATURES
10 to 27.5 mm lead pitch. Supplied loose in box, taped on reel Lead (Pb)-free product
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0
DETAIL SPECIFICATION
For more detailed data and test requirements see "Type detail specification HQN-384-14/108"
CLIMATIC TESTING CLASS ACC. TO EN 60068-1
55/105/56/B
Document Number: 28120 Revision: 01-Mar-05
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 1
MKP 336 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
TYPE AND PITCHES 10.0 mm 336 2 X2 15.0 mm 22.5 mm 27.5 mm CAPACITANCE (numerically) MULTIPLIER (nF) 0.1 1 10 100 Example: 104 = 10 x 10 = 100 nF 2 3 4 5
2222
336
2.
XX X
TYPE 336 2
PACKAGING loose in box
LEAD CONFIGURATION lead length 3.5 +1/-0.5 mm or 3.5 0.3 mm lead length 25.0 2.0 mm lead length 3.5 +1/-0.5 mm or 3.5 0.3 mm lead length 25.0 2.0 mm H = 18.5 mm; P0 = 12.7 mm; reel diameter 500 mm
C-TOL 20%
PREFERRED TYPES 20 26 ON REQUEST
X2
336 2 X2
loose in box taped on reel
10% 20% 10%
21 27 23 24
SPECIFIC REFERENCE DATA MKP 336 2 275 VAC
DESCRIPTION Tangent of loss angle: C < 470 nF 470 nF C 1 F C > 1 F Rated voltage pulse slope (dU/dt)R at 385 V (DC) R between leads, for C 0.33 F at 100 V; 1 minute RC between leads, for C > 0.33 F at 100 V; 1 minute R between leads and case; 100 V; 1 minute Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s: C 1 F C > 1 F Withstanding (AC) voltage between leads and case 2200 V; 1 minute 1800 V; 1 minute 2050 V; 1 minute at 1 kHz 10 x 10-4 20 x 10-4 30 x 10-4 VALUE at 10 kHz 20 x 10-4 70 x 10-4 - 100 V/s >15000 M >5000 s >30000 M at 100 kHz 100 x 10-4 - -
www.vishay.com 2
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28120 Revision: 01-Mar-05
MKP 336 2 X2
Interference Suppression Film Capacitors MKP Radial Potted Type
URac = 275 V; C-tol = 20%
CATALOG NUMBER 336 ..... AND PACKAGING C (F) DIMENSIONS(1) wxhxl (mm) LOOSE IN BOX MASS (g) lt = 3.5 +1/-0.5 last 5 digits of catalog number Pitch = 10.0 0.4 mm; dt = 0.60 0.06 mm 0.001 0.0015 0.0022 0.0033 0.0047 0.0068 0.01 0.015 0.022 0.033 Pitch = 15.0 0.4 mm; dt = 0.60 0.06 mm 0.01 0.015 0.022 0.033 0.047 0.068 0.1 0.15 6.0 x 12.0 x 17.5 7.0 x 13.5 x 17.5 1.4 Pitch = 15.0 0.4 mm; dt = 0.80 0.08 mm 0.22 1.9 20224 500 26224 500 23224 600 Pitch = 22.5 0.4 mm; dt = 0.80 0.08 mm 0.15 0.22 0.33 0.47 7.0 x 16.5 x 26.0 3.2 Pitch = 27.5 0.4 mm; dt = 0.80 0.08 mm 0.47 0.68 1 1.5 2.2 Notes 1. Specified dimensions only valid for 20% tolerance values. 2. lt = 3.5 0.3 mm for pitch = 15 mm; 22.5 mm and 27.5 mm. 9.0 x 19.0 x 31.0 11.0 x 21.0 x 31.0 13.0 x 23.0 x 31.0 15.0 x 25.0 x 31.0 5.5 7.8 10.4 12.8 29055 20684 20105 20155 20225 100 100 100 100 100 29095 26684 26105 26155 26225 150 125 125 125 75 6.0 x 15.5 x 26.0 2.9 29041 29051 20334 20474 300 200 200 200 29087 29093 26334 26474 500 500 500 500 29044 29053 23334 23474 600 550 450 400 5.0 x 11.0 x 17.5 1.2 29001 29011 29021 29031 20473 20683 20104 20154 1000 1000 1000 29097 29071 29076 29082 26473 26683 26104 26154 500 500 1000 29004 29014 29024 29034 23473 23683 23104 23154 800 650 1100 4.0 x 10.0 x 12.5 0.6 20102 20152 20222 20332 20472 20682 20103 20153 20223 20333 750 1000 1000 26102 26152 26222 26332 26472 26682 26103 26153 26223 26333 750 1000 1250 23102 23152 23222 23332 23472 23682 23103 23153 23223 23333 900 1100 1400 mm(2) SPQ lt = 25.0 2.0 mm last 5 digits of catalog number SPQ REEL H = 18.5 mm; P0 = 12.7 mm last 5 digits of catalog number SPQ
Vishay BCcomponents
Document Number: 28120 Revision: 01-Mar-05
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com 3
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors MKP Radial Potted Type
MAXIMUM RMS VOLTAGE AND AC CURRENT (SINEWAVE) AS A FUNCTION OF FREQUENCY
3 4
2200 nF 1000 nF 470 nF 100 nF 47 nF
10
10
AC voltage (V)
10
2 10 1
AC current (mA) 10 2
10 nF 4.7 nF
10 Tamb 100 C 10 1 1 10 10 2 10 3 10 4 f (Hz) 10 5 10
0
1nF
-1 10 1 10 2 10 3
Tamb 100 C 10 4 f (Hz) 10 5
CAPACITANCE
4 C/C (%)
IMPEDANCE
10 3 Impedance ()
1n 4.7 10 F
2
nF
typical
nF
0
max.
10
1
47 nF 10 0n F
47
-2
10
0
10
0n
00
F
nF
-4
min.
10
-1
-6 -50 0 50 Tamb (C) 100
-2 10 4 10
10
5
10
6
10
7 f (Hz) 8 10
APPROVALS
COUNTRY U.S.A. and Canada (for AC 250 V) U.S.A. (for AC 305 V) Canada (for AC 275 V) China SPECIFICATION UL1414 and CSA-C22.2 No.1 UL1283 CSA-C22.2 No.8 ELECTRICAL VALUES 1 nF to 1 F 1 nF to 2.2 F 1 nF to 2.2 F E112471 E109565 1438188 FILE NUMBERS APPROVAL MARK
R
CQC
1 nF to 2.2 F
CQC04001009253 (Roeselare) CQC04001009254 (Shanghai) CQC04001009262 (Famalicao)
296x12(full_width)
CQC
CQC03001004372 (Roeselare factory) Europe EN132400 IEC 60384-14 2nd edition
1 nF to 2.2 F: 55/105/56/B 1 nF to 2.2 F
BE-619 13595
02
www.vishay.com 4
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28120 Revision: 01-Mar-05


▲Up To Search▲   

 
Price & Availability of MKP3362X2NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X